Part Number Hot Search : 
ACTR30 DB301 ADG202 MK325B 75H60 GS101 2A165 84C10
Product Description
Full Text Search
 

To Download 89XR5KTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MODEL 89
3/4" Rectangular Multiturn Cermet Trimming Potentiometer
ELECTRICAL
1
Standard Resistance Range, Ohms Standard Resistance Tolerance Input Voltage, Maximum Slider Current, Maximum Power Rating, Watts End Resistance, Maximum Actual Electrical Travel, Turns, Nominal Dielectric Strength Insulation Resistance, Minimum Resolution Contact Resistance Variation, Maximum
ENVIRONMENTAL
10 to 2Meg 10% (<100 Ohms = 20%) 200 Vdc or rms not to exceed power rating 100mA or within rated power, whichever is less 0.75 at 85C derating to 0 at 125C 2 Ohms 20 1,000 Vrms 1,000 Megohms Essentially infinite 1% or 1 Ohm, whichever is greater
Seal Temperature Coefficient, Maximum Operating Temperature Range Thermal Shock Moisture Resistance Shock, 6ms Sawtooth Vibration High Temperature Exposure Rotational Life Load Life at 0.5 Watts Resistance to Solder Heat
MECHANICAL
85C Fluorinert(R) (No Leaks) 100ppm/C -55C to +125C 5 cycles, -55C to +125C (1% RT, 1% VR) Ten 24 hour cycles (1% RT, IR 100 Megohms Min.) 100G's (1% RT, 1% VR) 20G's, 10 to 2,000 Hz (1% RT, 1% VR) 250 hours at 125C (2% RT, 2% VR) 200 cycles (3% RT) 1,000 hours at 70C (2% RT) 260C for 10 sec. (1% RT)
Mechanical Stops Torque, Starting Maximum Weight, Nominal
Fluorinert(R) is a registered trademark of 3M Company. Specifications subject to change without notice.
Clutch Action, both ends 5 oz.-in. (0.035 N-m) .05 oz. (1.4 grams)
1-77
Model 89
LOW PROFILE (Inch/mm)
Model 89P and 90P .093 .01 Dia. With 2.36 0.25 .025 .005 .031 .005 Wide X Deep Slot 0.635 0.127 0.787 0.127 Metal Adjustment Screw: .060 .015 1.524 0.381 .25 6.35 .015 .005 0.381 0.254 .015 0.381 Standoff 2 Places (1) (2) .20 5.08 .185 .015 (3) 4.669 0.381 .125 .015 3.175 0.381 .050 .015 1.270 0.381 .021 .003 Dia. 0.533 0.076 Typ. .10 2.54 .175 4.445 Min. .19 4.83
Model No. And Resistance Value Marked On This Or Opposite Surface
.75 19.05
C L
Solderable Terminal Pins (3)
.50 12.70
Model 89P dimensions applicable to all other models except as noted.
Model 89W
(1)
(2) .20 5.08 .50 12.70
(3) .100 .015 2.540 0.381 .125 .015 3.175 0.381 .20 5.08
Model 89X
(1)
(2) .30 7.62 .70 17.78
(3) 0.25 0.635 .050 .015 1.270 0.381
.10 2.54
1-78
Model 89
HIGH PROFILE (Inch/mm)
1
Model 89PH .34 8.64
.03 0.76 (1) (2) (3)
.275 6.985
Standoff 2 Places
.02 0.51
Circuit Diagram Marked On This Surface
Housing: Molded Plastic (All Models) Pin Dimensions Same For 89P And 89PH
Model 89WH .03 0.76 (1) (2) (3) .275 6.985 .34 8.64
Standoff 2 Places
.02 0.51
Pin Dimensions Same For 89W And 89WH
Model 89XH .03 0.76 (1) Standoff 2 Places .02 0.51 (2) (3) .275 6.985 .34 8.64
Pin Dimensions Same For 89X And 89XH
1-79
Model 89
PANEL MOUNT ADAPTER (Inch/mm)
Model 89B
Circuit Diagram Marked On This Surface Material: Molded Plastic
.91 .01 23.11 0.25
.30 .01 7.62 0.25
.187 .010 4.750 0.254 .375 .010 9.525 0.254
.375 .010 9.525 0.254 Screwdriver Hole .155 Dia. Min. 2.921
5/16-32 UNEF Thread
.187 .010 4.750 0.254
STANDARD RESISTANCE VALUES, OHMS
10 20 50 100
200 500 1K 2K
5K 10K 20K 25K
50K 100K 200K 250K
500K 1Meg 2Meg
PACKAGING
Standard: Boxes Capacity = 100 Units (89P) 50 Units (All other styles)
Option:
Tubes (Models 89P, 89PH, 89X, 89XH and 90P only.) All units oriented with #1 pin to same side. Magazine Width Height Length Capacity = = = = 0.28" 0.65" 21.5" 25 Units
1-80
Model 89
ORDERING INFORMATION
1 Standard: Model Series (Use Model 90 to order with transparent housing) Pin Style 89 P R 10K LF RoHS Compliant Product Code - Optional Resistance Value Resistance Prefix
Option: Pin Style
89 P R 10K LF TB Packaging Option: TB = Tubes (Models 89P, 89PH, 89X, 89H, 90P Only.)
Option: Pin Style
89 P B R 10K LF Panel Mount Adapter (Use 89B to order Adapter without Trimmer)
CIRCUIT DIAGRAM
NOTES
Metric equivalents, based on 1 inch = 25.4mm are rounded to the same number of significant figures as in the original English units and are provided for general information only.
(2) (1) CW (3)
INCH mm
Tolerances unless otherwise specified: Linear = .01 inches (.25mm) Angular = 2 degrees
1-81
Model 89


▲Up To Search▲   

 
Price & Availability of 89XR5KTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X